Part Number Hot Search : 
MTZJ16 AN3319 SF1002 MC13820 D2060 LTC1642A 39H2R MC063
Product Description
Full Text Search
 

To Download CM1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM1000, 1500, 2500, 3500 SERIES
HIGH CURRENT SILICON BRIDGE RECTIFIERS VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes
CM-25 FEATURES l l l Electrically Isolated Metal Case for
CM-25W
Maximum Heat Dissipation Surge Overload Ratings to 400
Amperes These bridges are on the U/L Recognized Products List for currents of 10, 25 and 35 amperes
MECHANICAL DATA Case: Metal, electrically isolated Terminals: Plated .25" FASTON or wire Lead 40 mils Weight: 1 ounce, 30 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Max Recurrent Peak Reverse Voltage Max RMS Input Voltage Max DC Blocking Voltage Max Average Forward Current* CM10 for Resistive Load CM15 at TC=55 CM25 CM35 Non-repetitive CM10 Peak Forward Surge Current at CM15 Rated Load CM25 CM35 Max Forward Voltage CM10 5A per Bridge Element at CM15 IF 7.5A Specified Current CM25 12.5A CM35 17.5A Max Reverse Leakage Current at Rated DC Blocking Voltage 2 I t Rating for fusing ( t < 8.3ms ) CM10 CM15 / CM35 CM25 -00 50 35 50 -01 100 70 100 -02 200 140 200 10 15 25 35 200 300 300 400 1.2 -04 400 280 400 -06 600 420 600 -08 800 560 800 UNITS V V V A A A A A A A A V
10 374 / 664
A As
2
Typical Thermal Resistance (Fig. 3) R JC Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: * Unit mounted on metal heat-sink RATING AND CHARACTERISTIC CURVES CM1000 THRU CM3500
2.5 -55 to +150
/W
Fig. 1-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS AT TJ=25
Fig. 2-OUTPUT CURRENT VS. CASE TEMPERATURE RESISTIVE OR INDUCTIVE LOAD TJ=150
Fig. 3-OUTPUT CURRENT VS. AMBIENT TEMPERATURE RESISTIVE OR INDUCTIVE LOAD BRIDGE MOUNTED ON A8"x8" ALUMINUM PLATE 25" THICK
Fig. 4-POWER DISSIPATION VS. AVERAGE OUTPUT CURRENT RESISTIVE OR INDUCTIVE LOAD, TJ=150


▲Up To Search▲   

 
Price & Availability of CM1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X